Part Number Hot Search : 
TS941 202142B 167BZXI BT501 HGT1S FR7809P NJM2136M BZY91C13
Product Description
Full Text Search
 

To Download CEM-1201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part No: CEM-1201(50) Description: magnetic buzzer
Date: 8/11/2006 Unit: mm Page No: 1 of 5
Specifications
Rated voltage Operating voltage Mean current Coil resistance Sound output 1.5 Vo-p 1.0 - 2.0 Vo-p 20 mA max. 50 7.5 Min. 80 (Typical 87) dBA Applying rated voltage, 2048 Hz square wave, 1/2 duty Distance at 10cm (A-weight free air). Applying rated voltage of 2048 Hz, square wave, 1/2 duty.
Rated frequency Operating temperature Storage temperature Dimensions Weight Material Terminal RoHS
2,048 Hz -20 ~ +60 C -30 ~ +70 C o12.0 x H8.5 mm 1.4 g PPO (Black) Pin type (AU Plating) yes
See attached drawing
See attached drawing
Frequency Response Curve
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEM-1201(50) Description: magnetic buzzer
Date: 8/11/2006 Unit: mm Page No: 2 of 5
Appearance Drawing
Tolerance: 0.5
Measurement Method
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEM-1201(50) Description: magnetic buzzer
Date: 8/11/2006 Unit: mm Page No: 3 of 5
Mechanical Characteristics
Item Solderability Evaluation Standard Test Condition 90% surface of lead terminals Lead terminals are immersed in rosin for 5 should be wet with solder. seconds and then immersed in solder bath (Except the edge of the terminal) of 270 5C for 3 1 seconds. Lead terminals are immersed up to 1.5mm from No in interference in operation. the buzzer's body in solder bath of 260 5C for No damage or cutting off. 3 1 seconds. Apply force of 9.8 N (1.0 kg) in each axial direction for 10 seconds. After the test, the part should The buzzer will be measured after applying a vibration amplitude of 1.52 mm (9.3G) with 10 meet specifications without any to 55 Hz band of vibration frequency to each of damage to the appearance and the SPL should be within 10dBA the 3 perpendicular directions for 2 hours. when compared to the initial SPL. The part is to be dropped from a height of 75 cm onto a 40 mm thick wooden board 3 times in 3 axis (X, Y, Z) for a total of 9 drops.
Soldering Heat Resistance
Terminal Mechanical Strength Vibration
Drop Test
Environment Test
Item High temp. test Low temp. test Thermal shock Test Condition The part will be subjected to +70C for 96 hours. The part will be subjected to -30C for 96 hours The part will be subjected to 10 cycles. One cycle will consist of: Evaluation Standard
Temp./Humidity cycle
The part shall be subjected to 10 cycles. One cycle will consist of:
After the test, the part should meet specifications without any damage to the appearance and the SPL should be within 10dBA when compared to the initial SPL.
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEM-1201(50) Description: magnetic buzzer
Date: 8/11/2006 Unit: mm Page No: 4 of 5
Mechanical Characteristics
Item Operating (Life Test) Test Condition 1. Continuous life test: The part will be subjected to 72 hours at 45C with 1.5 V, 2048 Hz applied. 2. Intermittent life test: A dut cycle of 1 minute on, 1 minute off, a minimum of 10,000 times at room temperature (25 10C) with 1.5 V, 2048 Hz applied. Evaluation Standard After the test, the part shall meet specifications without any damage to the appearance. After 4 hours at +25C, the SPL should be within 10 dBA of the initial SPL.
Test Conditions
Standard Test Condition Judgement Test Condition a) Tempurature: +5 ~ +35C a) Tempurature: +252C b) Humidity: 45 - 85% b) Humidity: 60 - 70% c) Pressure: 860 - 1060 mbar c) Pressure: 860 - 1060 mbar
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEM-1201(50) Description: magnetic buzzer
Date: 8/11/2006 Unit: mm Page No: 5 of 5
Packaging
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062


▲Up To Search▲   

 
Price & Availability of CEM-1201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X